Part Number Hot Search : 
G4PH50KD LAIC3B4U LSM545 RLP732B 6P19C RF923 FDD8876 WSL432
Product Description
Full Text Search
 

To Download UPS1A101MDD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ALUMINUM ELECTROLYTIC CAPACITORS
PS
Miniature Sized, Low Impedance, For Switching Power Supplies
series
(Through 100V only)
Wide temperature range type, miniature sized. Adapted to the RoHS directive (2002/95/EC).
PJ
Smaller
PS
Specifications
Item Category Temperature Range Rated Voltage Range Rated Capacitance Range Capacitance Tolerance
Performance Characteristics
- 55 ~ +105C (6.3 ~ 100V), - 40 ~ +105C (160 ~ 400V), - 25 ~ +105C (450V) 6.3 ~ 450V 0.47 ~ 15000F 20% at 120Hz, 20C
Rated voltage (V) 6.3 ~ 100 After 1 minute's application of rated voltage, leakage current is not more than 0.03CV or 4 (A) , whichever is greater. 160 ~ 450 CV < 1000 : I= 0.1CV+40 (A)max. (1 minute's) = CV > 1000 : I= 0.04CV+100 (A)max. (1 minute's)
Measurement frequency : 120Hz, Temperature : 20C
Leakage Current
Leakage current
For capacitance of more than 1000F, add 0.02 for every increase of 1000F
tan
Rated voltage (V)
tan (MAX.)
6.3 0.24
10 0.20
16 0.16 6.3 * 10 -- -- 5
25 0.14 16 * 25 -- -- 4
35 0.12 35 * 50 -- -- 3
50 0.10
63 0.09
100 0.08 250 3 6 --
160 ~ 250 315 * 350 400 * 450 0.15 0.20 0.25
Measurement frequency : 120Hz
Stability at Low Temperature
Rated voltage (V) Z- 25C / Z+20C Impedance ratio Z- 40C / Z+20C (MAX.) Z- 55C / Z+20C
63 * 100 160 * 200 2 3 3 4 -- --
Capacitance change tan Leakage current
315 * 350 4 8 --
400 6 10 --
450 15 -- --
Endurance
After an application of D.C. bias voltage plus the rated ripple current for 3000 hours (2000 hours for D = 5 ~ 10) at 105C the peak voltage shall not exceed the rated D.C. voltage, capacitors meet the characteristic requirements listed at right.
Within 20% of initial value 200% or less of initial specified value Initial specified value or less
Shelf Life Marking
After storing the capacitors under no load at 105C for 1000 hours, and after performing voltage treatment based on JIS C 5101-4 clause 4.1 at 20C, they will meet the specified value for endurance characteristics listed above. Printed with white color letter on dark brown sleeve.
Radial Lead Type
Type numbering system (Example : 25V 470F)
Bd
Sleeve (P.E.T.)
+ MAX.
UPS 1 E 4 7 1 MPD
P 0.5
1 2 3 4 5 6 7 8 9 10 11 12 Size code Configuration Capacitance tolerance (20%) Rated Capacitance (470F) Rated voltage (25V) Series name Type
BD
(B6.3up)
Pressure relief vent
L+ MAX.
BD Bd
15MIN P 5 2.0 0.5 0.5
4MIN 16 18 20 22 7.5 7.5 10.0 10.0 0.8 0.8 1.0 1.0 0.5 0.5 0.5 1.0
(L < 20) 1.5 (L 20) 2.0
6.3 8 10 12.5 2.5 3.5 5.0 5.0 0.5 0.6 0.6 0.6 0.5 0.5 0.5 0.5
25 12.5 1.0 1.0
(mm)
* Please refer to page 21 about the end seal configulation.
Configuration Pb-free leadwire BD Pb-free PET sleeve 5 DD 6.3 ED 8 a 10 PD 12.5 ~ 18 HD 20 ~ 25 RD
Frequency coefficient of rated ripple current
V Cap.(F) Frequency
50Hz -- 0.30 0.57 0.75 0.80 0.90
120Hz 0.17 0.50 0.71 0.87 1.00 1.00
300Hz 0.40 0.65 0.82 0.96 1.25 1.10
1kHz 0.65 0.80 0.90 0.98 1.40 1.13
10kHz ~ 1.00 1.00 1.00 1.00 1.60 1.15
.. ~ 47 6.3 ~ 100 100 ~ 220. 330 ~ 680. .1000 ~ 15000 160 ~ 450 0.47 ~ 2200 330 ~ 470.
Please refer to page 21, 22, 23 about the formed or taped product spec. Please refer to page 3 for the minimum order quantity.
Dimension table in next pages.
CAT.8100V
ALUMINUM ELECTROLYTIC CAPACITORS
PS
series
Standard ratings
V (Code)
DxL (mm) 6.3 (0J) 10 (1A) 16 (1C) 25 (1E)
Item Cap. (F)
Co de
Case size Impedance Rated ripple Case size Impedance Rated ripple Case size Impedance Rated ripple Case size Impedance Rated ripple () MAX. (mArms) () MAX. (mArms) () MAX. (mArms) () MAX. (mArms) D x L D x L D x L D x L (mm) (mm) (mm) (mm) 20C/100kHz 105C/100kHz 20C/100kHz 105C/100kHz 20C/100kHz 105C/100kHz 20C/100kHz 105C/100kHz
4.7 10 22 33 47 100 150 220 330 470 680 1000 1500 2200 3300 4700 6800 10000 15000
4R7 100 220 330 470 101 151 221 331 471 681 102 152 222 332 472 682 103 153
V (Code)
5 x 11 5 x 11 5 x 11 5 x 11 6.3 x 11 6.3 x 11 6.3 x 11 8 x 11.5 10 x 12.5 10 x 12.5 10 x 20 12.5 x 20 12.5 x 20 16 x 25 16 x 25 16 x 31.5 18 x 35.5
1.50 1.50 1.50 1.50 0.50 0.50 0.50 0.28 0.19 0.19 0.11 0.075 0.075 0.038 0.038 0.033 0.030 35 (1V)
160 160 160 160 250 250 250 410 600 600 1000 1250 1250 1900 1900 2350 2700
5 x 11 5 x 11 5 x 11 5 x 11 6.3 x 11 6.3 x 11 8 x 11.5 8 x 11.5 10 x 12.5 10 x 16 10 x 20 12.5 x 20 12.5 x 25 16 x 25 16 x 31.5 18 x 35.5 18 x 40
1.50 1.50 1.50 1.50 0.50 0.50 0.28 0.28 0.19 0.14 0.11 0.075 0.057 0.038 0.033 0.030 0.027 50 (1H)
160 160 160 160 250 250 410 410 600 800 1000 1250 1550 1900 2350 2700 3300
5 x 11 5 x 11 5 x 11 5 x 11 6.3 x 11 6.3 x 11 8 x 11.5 8 x 11.5 10 x 12.5 10 x 16 10 x 20 12.5 x 20 12.5 x 25 16 x 25 16 x 31.5 18 x 35.5 18 x 40
1.50 1.50 1.50 1.50 0.50 0.50 0.28 0.28 0.19 0.14 0.11 0.075 0.057 0.038 0.033 0.030 0.027
160 160 160 160 250 250 410 410 600 800 1000 1250 1550 1900 2350 2700 3300
5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 6.3 x 11 8 x 11.5 8 x 11.5 10 x 12.5 10 x 16 10 x 20 12.5 x 20 16 x 25 16 x 25 16 x 31.5 18 x 35.5 18 x 40
1.50 1.50 1.50 1.50 1.50 0.50 0.28 0.28 0.19 0.14 0.11 0.075 0.038 0.038 0.033 0.030 0.027
160 160 160 160 160 250 410 410 600 800 1000 1250 1900 1900 2350 2700 3300
63 (1J)
100 (2A)
Item Cap. (F)
Co de
Case size Impedance Rated ripple Case size Impedance Rated ripple Case size Impedance Rated ripple Case size Impedance Rated ripple (mArms) (mArms) (mArms) (mArms) D x L D x L D x L D x L () MAX. () MAX. () MAX. () MAX. 20C/100kHz 105C/100kHz 20C/100kHz 105C/100kHz 20C/100kHz 105C/100kHz 20C/100kHz 105C/100kHz (mm) (mm) (mm) (mm)
0.47 1 2.2 3.3 4.7 10 22 33 47 100 150 220 330 470 680 1000 1500 2200 3300 4700
R47 010 2R2 3R3 4R7 100 220 330 470 101 151 221 331 471 681 102 152 222 332 472
5 x 11 5 x 11 5 x 11 5 x 11 6.3 x 11 8 x 11.5 8 x 11.5 10 x 12.5 10 x 16 10 x 20 12.5 x 20 12.5 x 25 16 x 25 16 x 31.5 18 x 35.5 18 x 40
V
1.50 1.50 1.50 1.50 0.50 0.28 0.28 0.19 0.14 0.11 0.075 0.057 0.038 0.033 0.030 0.027
160 160 160 160 250 410 410 600 800 1000 1250 1550 1900 2350 2700 3300 200
2D
5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 6.3 x 11 6.3 x 11 8 x 11.5 10 x 12.5 10 x 16 10 x 20 12.5 x 20 12.5 x 25 16 x 25 16 x 31.5 18 x 35.5
7.50 5.30 4.50 3.90 3.50 2.10 1.80 0.65 0.65 0.36 0.26 0.18 0.15 0.13 0.10 0.058 0.040 0.035
25 40 55 65 90 120 150 250 250 340 490 650 810 1100 1200 1600 2000 2300
5 x 11 5 x 11 6.3 x 11 6.3 x 11 8 x 11.5 10 x 12.5 10 x 16 10 x 20 12.5 x 20 12.5 x 25 16 x 25 16 x 31.5 18 x 35.5 18 x 40
4.70 2.10 0.98 0.71 0.65 0.31 0.25 0.20 0.12 0.081 0.058 0.049 0.038 0.032
68 110 180 220 310 390 440 700 980 1200 1300 1380 1750 2120
5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 6.3 x 11 8 x 11.5 10 x 12.5 10 x 16 12.5 x 20 12.5 x 25 16 x 25 16 x 25 16 x 31.5 16 x 35.5 18 x 40
43.0 20.0 9.80 6.60 4.60 1.80 0.68 0.46 0.37 0.18 0.13 0.10 0.090 0.076 0.064 0.047
20 30 44 58 74 130 230 320 420 580 710 890 1080 1310 1410 1520
160
2C
250
2E 12 x 11 17 6.3 x 11 29 8 x 11.5 42 10 x 12.5 50 10 x 12.5 88 10 x 20 155 12.5 x 25 190 12.5 x 25 230 16 x 25 *18 x 35.5 340 525 20 x 40 1150 22 x 50 1350 25 x 50 6.3 8
315
2F
350
2V 11 16 28 34 45 72 120 155 190 285 540
400
2G 11 17 31 38 49 82 130 160 200 290 550
450
2W 16 27 36 43 72 110 140 170 350
Cap.(F)
Code
0.47 1 2.2 3.3 4.7 10 22 33 47 100 220 330 470
R47 010 2R2 3R3 4R7 100 220 330 470 101 221 331 471
x 11 6.3 x 11 6.3 x 11 8 x 11.5 8 x 11.5 10 x 12.5 10 x 20 12.5 x 20 12.5 x 25 16 x 25 *18 x 35.5 20 x 40 22 x 50
6.3
12 17 25 36 43 70 130 180 220 330 500 900 1200
12 x 11 17 6.3 x 11 25 6.3 x 11 36 8 x 11.5 50 10 x 12.5 80 10 x 16 140 10 x 20 190 12.5 x 25 220 12.5 x 25 335 16 x 31.5 515 18 x 40 1100 22 x 40 1310 22 x 50 6.3
x 11.5 8 x 11.5 10 x 12.5 10 x 12.5 10 x 16 10 x 20 12.5 x 25 16 x 25 16 x 35.5 18 x 40 22 x 50
x 11.5 10 x 12.5 10 x 16 10 x 16 10 x 20 12.5 x 20 16 x 25 16 x 31.5 *18 x 35.5 20 x 40 25 x 50
8
x 12.5 x 16 10 x 20 10 x 20 12.5 x 25 16 x 25 16 x 31.5 *18 x 35.5 22 x 50
10 10
x 12.5 x 20 12.5 x 20 12.5 x 20 16 x 25 16 x 31.5 *18 x 35.5 20 x 40 25 x 50
10 10
18 29 41 49 75 115 145 175 350
Case size Rated D x L (mm) ripple
Rated Ripple (mArms ) at 105C 120Hz Size 20x31 is available for capacitors marked " * " Size 20x35 is available for capacitors marked " " In this case, 6 will be put at 12th digit of type numbering system.
CAT.8100V


▲Up To Search▲   

 
Price & Availability of UPS1A101MDD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X